Part Number Hot Search : 
TMS570 53120 L6316 HPC722 4758A TPDV1040 4LS32 F4300R
Product Description
Full Text Search
 

To Download BAS54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Schottky Diode
COMCHIP
www.comchip.com.tw
BAT54 Series -G
Features
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection
Voltage: 30 Volts Current: 200mA
SOT-23
.119 (3.0) .110 (2.8)
.020 (0.5)
Mechanical data
Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.008 grams (approx.) Mounting Position: Any
Top View
.056 (1.40) .047 (1.20)
3
BAT54-G
3
CATHODE
BAT54A-G
CATHODE
1
2
.006 (0.15)max.
1
1
ANODE
ANODE
2
CATHODE
.006 (0.15) .002 (0.05)
3
.037(0.95) .037(0.95)
ANODE
ANODE
CATHODE
1
2
ANODE
CATHODE
1
2
CATHODE
3
CATHODE
3
ANODE
.020 (0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
BAT54C-G
BAT54S-G
Dimensions in inches (millimeters)
Maximum Ratings (TA = 125C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Forward Current (DC) Junction Temperature Storage Temperature Range Symbol VR PF IF TJ Tstg Value 30 225 1.8 200 Max 125 Max -55 to +150 Units Volts mW mW/C mA C C
Electrical Characterics (TA = 25C unless otherwise noted) (EACH DIODE) Parameter Symbol Min V(BR)R Reverse Breakdown Voltage (IR = 10 mA) 30 CT Total Capacitance (VR = 1.0 V, f = 1.0 MHz) --
Reverse Leakage (VR = 25 V) Forward Voltage (IF = 0.1 mAdc) (IF = 30 mAdc) (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1 Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) Forward Current (DC)
Repetitive Peak Forward Current
Typ -- 7.60 0.50 0.22 0.41 0.52 -- 0.29 0.35 -- -- --
Max -- 10.0 2.0 0.24 0.5 1.0 5.0 0.32 0.40 200 300 600
IR VF trr VF IF IFRM IFSM
-- -- -- -- -- -- --
Non-Repetitive Peak Forward Current (t < 1.0 s)
"-G" suffix designates RoHS compliant Version
Page 1
.044 (1.10) .035 (0.90)
Unit Volts pF mAdc Vdc ns Vdc mAdc mAdc mAdc
Surface Mount Schottky Diode
COMCHIP
www.comchip.com.tw
RATING AND CHARACTERISTIC CURVES (BAT54 Series-G)
820 +10 V 2k 100 H 0.1 F DUT 50 utput Pulse Generator 50 Input Sampling Oscilloscope 90% VR Input Signal IR IR(REC) = 1 mA Output Pulse (IF = IR = 10 mA; measured at IR(REC) = 1 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 1000 TA = 150C 100 10 1 50C
IR , Reverse Current (A) IF, Forward Current (mA)
TA = 125C 10 1.0 TA = 85C 0.1 0.01 TA = 25C
1 25C 1.0 85C 25C - 40C - 55C 0.4 0.5 0.6
0.1 0.0
0.001 0.1 0.2 0.3 0 5 V F, Forward Voltage (V) 10 15 20 VR, Reverse Voltage (V) 25 30
Figure 2. Forward Voltage
Figure 3. Leakage Current
14 12
C T , Total Capacitance (pF)
10 8 6 4 2 0 0 5 10 15 20 25 30
VR, Reverse Voltage (V)
Figure 4. Total Capacitance
"-G" suffix designates RoHS compliant Version


▲Up To Search▲   

 
Price & Availability of BAS54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X